Part Number Hot Search : 
PCK946 NTE303 MC145159 BUZ110S SMCJ24A AON3812 US1881L S1R72U01
Product Description
Full Text Search
 

To Download 30KRC60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 30A, 600V, TO-247
THYRISTOR
Type
30KRC60
Cnstruction : Center Gate Planner Type Application : AC Power Conrol For General Use Absolute Maximum Ratings
Rating Repetitive Peak off-state Voltage Non-repetitive Peak off-state Voltage Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Rating Average On-State Current RMS On-State Current Surge On-State Current ISquared t PeakGate Power Average Gate Power PeakForward Gate Current PeakForward Gate Voltage PeakReverse Gate Voltage OperatingJunction Temperature Range Storage Temperature Range MountingForce Symbol VDRM VDSM VRRM VRSM Symbol Io(AV) IT(RMS) ITSM I2t PGM( PG(AV) IGM VGM VRGM Tjw Tstg Voltage Ratings 30KRC60 600 700 600 700 Conditions 180 Conduction, Tc=80 C Unit V V V V
Max. Rated Value Unit A 30 A 47 50HzHalf Sine Wave, 1Pulse, Non-Repetitive A 600 2 to 10 ms A2s 1800 W 5 W 1 A 2 V 10 V 5 40 to +125 C 40 to +150 C Recommended Value 0.5 N*m Min. Typ. Max. 0.5 10 0.5 10 1.5 220 100 50 4.0 2.5 2.0 Unit mA mA V mA
Electrical Characteristics Characteristics
Peak Off-State Current Peak Reverse Current Peak On-State Voltage Gate Trigger Current
Symbol IDM IRM VTM IGT
Gate Trigger Voltage Gate Non-Trigger Current Turn-On Time Delay Time Rise Time LatchingCurrent HoldingCurrent Thermal Resistance
VGT VGD tgt td tr IL IH Rth(j-c)
Conditions Tj=25C VDM = VDRM Tj=125C Tj=25C VRM = VRRM Tj=125C Tj=25C , ITM=90A Tj= -40C VD = 6V, IT= 1A Tj=25C Tj=125C Tj= -40C VD = 6V, IT= 1A Tj=25C Tj=125C Tj=125C, VD = 2/3* VDRM Tj=125C, VD = 2/3* VDRM Tj=25C Tj=25C Junction to Case
V V s s s mA mA C/W
0.25 6 2 4 100 50 1.0
30KRC60 OUTLINE DRAWING (UNIT: mm)
weight : 5.55gr


▲Up To Search▲   

 
Price & Availability of 30KRC60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X